Part Number Hot Search : 
BA628 X1008PS P31AF M5829 5F212 18607130 KK70F120 Q030PBF
Product Description
Full Text Search
 

To Download 10-08-5101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/24/2013 please check www.molex.com for latest part information part number: 10-08-5101 status: active overview: kk? interconnect system description: kk? header, vertical, with polarizing backwall, 10 circuits, tin (sn) plating documents: 3d model product specification ps-99020-0087 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 2599 application power, wire-to-board overview kk? interconnect system product name kk? upc 800753744622 physical breakaway no circuits (loaded) 10 circuits (maximum) 10 color - resin natural durability (mating cycles max) 25 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 2.710/g number of rows 1 orientation vertical pc tail length 4.45mm pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 5.08mm pitch - termination interface 5.08mm plating min - mating 5.080m plating min - termination 5.080m polarized to pcb no shrouded partial stackable yes surface mount compatible (smc) no temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 7a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 2599 series mates with kk? crimp housing 3001 , 5058 , 3002 kk? pc board connector
voltage - maximum 250v solder process data duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) process temperature max. c 260 material info old part number 2599m10a reference - drawing numbers product specification ps-99020-0087 sales drawing sdae-2599m-n* this document was generated on 09/24/2013 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 10-08-5101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X